Part Number Hot Search : 
TCET1101 MAX1681 SD219CHP IRFZ2 RB751S40 2N6230 9L28064 UPD44
Product Description
Full Text Search
 

To Download ECS-250-20-3X-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  csm-3x quartz crystal the csm-3x is the miniature low profile resistance weld type smd quartz crystal. reduces footprint of csm-7x (hc-49usx smd) by 50%. 1105 south ridgeview road z olathe, ks 66062 z phone: 913.782.7787 z fax: 913.782.6991 z www.ecsxtal.com parameters conditions csm-3x min typ frequency range (mhz) frequency range (mhz) mode of osc mode of osc max esr ? max esr ? max operating conditions / el ectrical characteristics equivalent series resist ance/mode of oscillation units fo c o specify in p/n standard @ +25c 3c at +25c standard -10 to +70c frequency range operating temperature storage temperature aging (first year) frequency tolerance frequency stability ref @+25 c shunt capacitance load capacitance (cl) drive level 6.000 10 mhz c c pf pf w ppm ppm ppm 6.000 ~ 11.999 12.000 ~ 15.999 16.000 ~ 29.999 30.000 ~ 40.000 40.000 30 50 7 series 100 -10 -40 +70 +85 5 fundamental fundamental fundamental fundamental 200 60 50 40 package dimensions (mm) figure 1) top, side, bottom and land pattern csm-3x csm-7x actual size * consult factory for available stability options over extended temp range. figure 2) size comparison part numbering guide: example ecs-200-20-3x-tr custom options cost effective low profile pb free/rohs compliant ecs - frequency abbreviation - load capacitance - package tolerance stability temp range - packaging 3x = csm-3x -tr tape & reel 3k/reel a= 25 ppm j= 20 ppm r= 15 ppm c= 10 ppm d= 100 ppm e= 50 ppm g= 30 ppm h= 25 ppm t= 20 ppm w= 15 ppm *k= 10 ppm l= -10 ~ +70c m= -20 ~ +70c n= -40 ~ +85c 200 = 20.000 mhz see p/n guide 20 =20 pf s=series 20


▲Up To Search▲   

 
Price & Availability of ECS-250-20-3X-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X